Part Number Hot Search : 
SMA82 KU5N12 74HC7540 2A103K 9IDEP 384200 7PF30L 2SD2115
Product Description
Full Text Search
 

To Download CZMA3V9-47V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  siliicon planar zener diodes CZMA3V9-47V sot-23 formed smd package dual zener diodes, common anode absolute maximum ratings per diode (t a =25c unless specified otherwise) description repetitive peak forward current repetitive peak working current **thermal resistance from junction to ambient * device mounted on a ceramic alumna ** device mounted on an fr5 printed circuit board electrical characteristics per diode (t a =25c v f < 0.9v max, i f =10ma) device temperature marking coefficient ***v z (v) s z (mv/k) i r at v r at i z test=5ma min max typ max m m a v min typ max typ max czma 3.9 3.70 4.10 85 90 3.0 1 -3.5 -2.5 0 400 600 d3.9 czma 4.3 4.00 4.60 80 90 3.0 1 -3.5 -2.5 0 410 600 d4.3 czma 4.7 4.40 5.00 50 80 3.0 2 -3.5 -1.4 0.2 425 500 d4.7 czma 5.1 4.80 5.40 40 60 2.0 2 -2.7 -0.8 1.2 400 480 d5.1 czma 5.6 5.20 6.00 15 40 1.0 2 -2.0 -1.2 2.5 80 400 d5.6 czma 6.2 5.80 6.60 6 10 3.0 4 0.4 2.3 3.7 40 150 d6.2 czma 6.8 6.40 7.20 6 15 2.0 4 1.2 3.0 4.5 30 80 d6.8 czma 7.5 7.00 7.90 6 15 1.0 5 2.5 4.0 5.3 30 80 d7.5 czma 8.2 7.70 8.70 6 15 0.7 5 3.2 4.6 6.2 40 80 d8.2 czma 9.1 8.50 9.60 6 15 0.5 6 3.8 5.5 7.0 40 100 d9.1 czma 10 9.40 10.60 8 20 0.2 7 4.5 6.4 8.0 50 150 d10 czma3.9_47vrev_1 071005e ***pulse test 20ms < t p < 50ms r diff ( w w ) r diff ( w w ) differential resistance **p tot 250 420 mw k/w reverse current 150 value 3v9 to 39 + 5 250 250 300 c c unit v % ma ma mw t stg r th (j-a) symbol v z i frm i zrm *p tot t j differential at i z test=5ma at i z test=5ma resistance at i z test=5ma storage temperature junction temperature for lead free parts, device part # will be prefixed with "t" working voltage tolerance working voltage range power dissipation upto t a =25oc power dissipation upto t a =25oc working voltage - 55 to +150 1 2 3 pin configuration 1 = 2 = 3 = cathode cathode anode 3 1 2 continental device india limited data sheet page 1 of 4 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
siliicon planar zener diodes CZMA3V9-47V sot-23 formed smd package electrical characteristics per diode (t a =25c v f < 0.9v max, i f =10ma) device temperature marking coefficient i r at v r s z (mv/k) at i z test=5ma min max typ max m m a v min typ max typ max czma 11 10.40 11.60 10 20 0.1 8.0 5.4 7.4 9.0 50 150 d11 czma 12 11.40 12.70 10 25 0.1 8.0 6.0 8.4 10 50 150 d12 czma 13 12.40 14.10 10 30 0.1 8.0 7.0 9.4 11 50 170 d13 czma 15 13.80 15.60 10 30 0.05 10.5 9.2 11.4 13 50 200 d15 czma 16 15.30 17.10 10 40 0.05 11.2 10.4 12.4 14 50 200 d16 czma 18 16.80 19.10 10 45 0.05 12.6 12.4 14.4 16 50 225 d18 czma 20 18.80 21.20 15 55 0.05 14.0 14.4 16.4 18 60 225 d20 czma 22 20.80 23.30 20 55 0.05 15.4 16.4 18.4 20 60 250 d22 czma 24 22.80 25.60 25 70 0.05 16.8 18.4 20.4 22 60 250 d24 at i z test=2ma at i z test=2ma at i z test=2ma at iz test=0.5ma czma 27 25.10 28.90 25 80 0.05 18.9 21.4 23.4 25.3 65 300 d27 czma 30 28.00 32.00 30 80 0.05 21.0 24.4 26.6 29.4 70 300 d30 czma 33 31.00 35.00 35 80 0.05 23.1 27.4 29.7 33.4 75 325 d33 czma 36 34.00 38.00 35 90 0.05 25.2 30.4 33.0 37.4 80 350 d36 czma 39 37.00 41.00 40 130 0.05 27.3 33.4 36.4 41.2 80 350 d39 czma 43 40.00 46.00 45 150 0.05 30.1 37.6 41.2 46.6 85 375 d43 czma 47 44.00 50.00 50 170 0.05 32.9 42.0 46.1 51.8 85 375 d47 czma3.9_47vrev_1 071005e ***pulse test 20ms < t p < 50ms differential reverse differential for lead free parts, device part # will be prefixed with "t" resistance at i z test=5ma working voltage resistance at i z test=5ma at i z test=1ma r diff ( w w ) r diff ( w w ) current ***v z (v) 1 2 3 pin configuration 1 = 2 = 3 = cathode cathode anode 3 1 2 continental device india limited data sheet page 2 of 4
CZMA3V9-47V sot-23 formed smd package czma3.9_47vrev_1 071005e reel specification for w" packing (13" reel) sot-23 formed smd package for lead free parts, device part # will be prefixed with "t" tape specification for sot-23 surface mount device sot-23 package reel information sot-23 t&r 3k/reel 10k/reel 136 gm/3k pcs 415 gm/10k pcs 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" 12 k 51 k 10 k 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" 192 k 408 k 300 k 12 kgs 28 kgs 16 kgs package net weight/qty details standard pack inner carton box qty outer carton box qty gr wt size size packing detail 0.02 0.02 1.30 0.60 0.60 7 0.08 parting line ro.08 0.21 6 7 5 3" 0.05 2.50 4" 0 . 0 1 0 . 1 2 0.08 r0.08 0 . 0 2 0 . 0 2 5 0 . 9 5 0 . 0 6 0 . 0 4 0 . 6 0 0.02 2.50 0.60 + 0 . 0 8 - 0 . 0 2 1.30 0.05 0.025 0.02 0 . 4 0 3 3 0.60 0 . 0 2 5 2 . 9 0 1 . 9 0 0 . 0 5 cl 1 2 3 ?329.20.5 / 178 0.5 14.4 7.9 ? 10.9 t r a i l e r f i x i n g t a p e l e a d e r 9.20.5 max ?100.00.5 / 54.5 0.5 ? 2.00.5 ?20.2 min detail x ?13.0 +0.5 ?0.2 180 or 330 all dimensions in mm 330 / 180 mm ? antistatic coated plastic reel notes: no. of devices 8mm tape size of reel 330 mm (13") 10,000 pcs 8mm tape size of reel 180 mm (7") 3,000 pcs 1. the bandolier of 330 mm reel contains at least 10,000 devices. 2. the bandolier of 180 mm reel contains at least 3,000 devices. 3. no more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. 4. three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. 5. the carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). in order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. at the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there. 0.05 0.05 0.1 0.10 0.05 0.1 0.05 1.6 max 1.22 2.77 8.0 3.5 4.0 0.1 0.1 4.0 1.55 2.0 1.75 +0.3 5.75 max 3.15 1.0 - 0.1 d irection of unreeling all dimensions in mm continental device india limited data sheet page 3 of 4
customer notes CZMA3V9-47V sot-23 formed smd package czma3.9_47vrev_1 071005e for lead free parts, device part # will be prefixed with "t" disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 4 of 4


▲Up To Search▲   

 
Price & Availability of CZMA3V9-47V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X